Part Number Hot Search : 
MAE34036 MAX4605 6011M1 HW243 ASI10671 93LC46C 2805S F5X73
Product Description
Full Text Search
 

To Download AK5328192WP-60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Accutek Microcircuit Corporation
DESCRIPTION
The Accutek AK5328192W high density memory module is a CMOS dynamic RAM organized in 8192K x 32 bit words. The module consists of sixteen standard 4 Meg x 4 DRAMs in plastic SOJ packages. The assembly has eight drams mounted on each side of a printed circuit board in a 72 pad leadless SIM configuration. This configuration allows socket-mounting of large quantities of memory in applications where high density and ease of inserting additional memory are important. The operation of the AK5328192W is identical to sixteen 4M x 4 Drams. There are four CAS lines and four RAS lines. On each bank of 4M x 32, independent byte control is accomplished by four CAS lines. Each separate CAS line controls two 4M x 4 Drams to form an 8 bit byte. Two banks of 32 bits are controlled by the two pairs of RAS lines. A sixteen bit data path can be produced by connecting DQ0 to DQ16, DQ1 to DQ17, etc. and alternately strobing RAS0 with RAS1 and RAS2 with RAS3.
+
AK5328192W 8,388,608 by 32 Bit CMOS Dynamic Random Access Memory
+
1 72
FEATURES
* * * * * 8,388,608 x 32 bit organization 72 pad Single In-Line Module Multiple CAS and RAS lines allow x16 or x32 bit widths CAS-before-RAS, RAS-only or hidden refresh Power 5.32 Watt Max Active (60nS) 4.48 Watt Max Active (70 nS) 88 mW Max Standby * Operating free air temperature 0oC to 70oC * Single 5 Volt Power Supply
* * * * *
2048 Refresh Cycles, 32 mSEC 4096 Refresh Cycles, 64 mSEC available for all module sizes Available in Fast Page Mode and EDO Available in leadless (W) or leaded Zip (Z) versions Downward compatible with AK5324096, AK5322048, AK5321024, AK532512 andAK532256
EXAMPLES
AK5328192WP-60 8 Meg x 32 CMOS Dynamic RAM, SIM, Page Mode, Commercial 60 nSEC Access Time
PIN NOMENCLATURE
A0 - A10 DQ0 - DQ31 CAS0 - CAS3 RAS0 - RAS3 WE OE PD1 - PD4 Vcc Vss NC Address Inputs Data In/Data Out Column Address Strobe Row Address Strobe Write Enable Output Enable Presence Detect 5v Supply Ground No Connect
PIN ASSIGNMENT
PIN # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 SYMBOL Vss DQ0 DQ16 DQ1 DQ17 DQ2 DQ18 DQ3 DQ19 Vcc NC A0 A1 A2 A3 A4 A5 A6 PIN # 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 SYMBOL A10 DQ4 DQ20 DQ5 DQ21 DQ6 DQ22 DQ7 DQ23 A7 NC Vcc A8 A9 RAS3 RAS2 NC NC PIN # 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 SYMBOL NC NC Vss CAS0 CAS2 CAS3 CAS1 RAS0 RAS1 NC WE NC DQ8 DQ24 DQ9 DQ25 DQ10 DQ26 PIN # 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 SYMBOL DQ11 DQ27 DQ12 DQ28 Vcc DQ29 DQ13 DQ30 DQ14 DQ31 DQ15 NC PD1 PD2 PD3 PD4 NC Vss
MODULE OPTIONS
Leadless SIM: AK5328192W Leaded ZIP: AK5328192Z
Presence Detect PD1 PD2 PD3 PD4 -60 NC Vss NC NC -70 NC Vss Vss NC
FUNCTIONAL DIAGRAM
RAS1 RAS3 A0 - A10 RAS DQ0 - DQ3 CAS WE OE A0 - A10 RAS CAS WE OE
A0 - A10 RAS CAS WE OE
A0 - A10 RAS DQ0 - DQ3 CAS WE OE
DQ12 - DQ15
DQ16 - DQ19
DQ20 - DQ23
DQ24 - DQ27
A0 - A10 RAS CAS DQ0 - DQ3 WE
A0 - A10 RAS CAS DQ0 - DQ3 WE OE
A0 - A10 RAS CAS DQ0 - DQ3 WE OE
A0 - A10 RAS CAS DQ0 - DQ3 WE OE
A0 - A10 RAS CAS DQ0 - DQ3 WE OE
A0 - A10 RAS CAS DQ0 - DQ3 WE OE
A0 - A10 RAS CAS DQ0 - DQ3 WE OE
RAS0 CAS0
CAS1
RAS2 CAS2
CAS3
MECHANICAL DIMENSIONS
A0 - A10
4.250" 3.985" 0.330" MAX
1.000" MAX
+
0.425" 0.375"
+
0.250" 0.125" 0.080" CC LL CC LL 0.050" TYP
ACCUTEK MICROCIRCUIT CORPORATION BUSINESS CENTER at NEWBURYPORT 2 NEW PASTURE ROAD, SUITE 1 NEWBURYPORT, MA 01950-4054 PHONE: 978-465-6200 FAX: 978-462-3396 E-Mail: sales@accutekmicro.com Internet: www.accutekmicro.com
Accutek reserves the right to make changes in specifications at any time and without notice. Accutek does not assume any responsibility for the use of any circuitry described; no circuit patent licenses are implied. Preliminary data sheets contain minimum and maximum limits based upon design objectives, which are subject to change upon full characterization over the specific operating conditions.
WE
A0 - A10 RAS CAS DQ0 - DQ3 WE OE
OE
DQ28 - DQ31
DQ4 - DQ7
DQ8 - DQ11
DQ0 - DQ3
A0 - A10 RAS DQ0 - DQ3 CAS WE OE
A0 - A10 RAS DQ0 - DQ3 CAS WE OE
A0 - A10 RAS CAS WE OE
DQ0 - DQ3
DQ0 - DQ3
DQ0 - DQ3
DQ0 - DQ3
A0 - A10 RAS CAS WE OE


▲Up To Search▲   

 
Price & Availability of AK5328192WP-60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X